Part Number Hot Search : 
00506 ABT162 MAX151 N5817 MJE13007 USB32 MC68HC K2699
Product Description
Full Text Search
 

To Download NACP47M63V63X55TR13F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Aluminum Electrolytic Capacitors
FEATURES * CYLINDRICAL V-CHIP CONTRUCTION * LOW PROFILE, 4.6mm MAXIMUM HEIGHT * DESIGNED FOR REFLOW ..SOLDERING CHARACTERISTICS
Rated Voltage Rating Rated Capacitance Range Operating Temperature Range Capacitance Tolerance Max. Leakage Current After 2 Minutes at 20C Surge Voltage & Max. Tan Low Temperature Stability (Impedance Ratio @ 120Hz) Load Life Test at Rated W.V. 85C 1,000 Hours
NACP Series
includes all homogeneous materials *See Part Number System for Details
RoHS Compliant
4 ~ 50Vdc 0.1 ~ 220F -40 ~ +85C 20%(M) 0.01CV or 3A, whichever is greater W.V. (Vdc) 4 6.3 10 16 25 35 50 S.V. (Vdc) 5 8.0 13 20 32 44 63 0.40 0.30 0.24 0.20 0.16 0.14 0.12 Tan @ 120Hz/20C W.V. (Vdc) 4 6.3 10 16 25 35 50 Z-25C/Z +20C 7 4 3 2 2 2 2 Z-40C/Z +20C 15 10 8 6 4 4 4 Capacitance Change Within 25% of initial measured value Less than 200% of specified value Tan Leakage Current Less than specified value
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 120Hz AND 85OC)
Cap. (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 Working Voltage (Vdc) 4 28 33 56 98 6.3 28 37 45 70 10 33 41 53 74 16 23 37 51 61 25 17 27 47 57 35 18 29 49 50 1.0 2.0 2.8 4.0 8.4 14 17 21 33 -
MAXIMUM ESR ( AT 120Hz AND 20OC)
Cap. (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 Working Voltage (Vdc) 4 20.1 14.1 6.6 3.0 6.3 22.6 15.1 10.6 5.0 10 18.1 12.6 8.5 3.98 16 33.2 15.1 10.1 7.1 25 56.5 26.5 12.1 8.1 35 49.4 23.2 10.8 50 1990 905 603 423 199 90.5 60.3 42.3 19.0 -
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Cap. (F) 0.47 ~ 4.7 10 ~ 33 47 ~ 220 10< f <1KHz 1.0 1.0 1.0 Frequency 1K< f <10KHz 10K< f >100KHz 1.3 1.5 1.2 1.3 1.1 1.2 >100KHz 2.0 1.45 1.3
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
5
Surface Mount Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND CASE SIZE D xL (mm)
Cap. (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 Working Voltage (Vdc) 4 4x4.5 4x4.5 5x4.5 6.3x4.5 6.3 4x4.5 5x4.5 5x4.5 10 5x4.5 5x4.5 16 4x4.5 5x4.5 25 4x4.5 5x4.5 35 4x4.5 5x4.5 50 4x4.5 4x4.5 4x4.5 4x4.5 4x4.5 4x4.5 4x4.5 5x4.5 6.3x4.5 P B A
0.3mm max.
NACP Series
DIMENSIONS (mm)
Case Size D0.5 L max. A/B0.2 I 0.2 W 4x5.5 4.0 5.5 4.3 1.8 0.5 ~ 0.8 5x5.5 5.0 5.5 5.3 2.1 0.5 ~ 0.8 6.3x5.5 6.3 5.5 6.6 2.5 0.5 ~ 0.8 P0.2 1.0 1.4 2.2
+
W
I
I
-
D
L
6.3x4.5 6.3x4.5 -
6.3x4.5 6.3x4.5 -
6.3x4.5 6.3x4.5 -
6.3x4.5 6.3x4.5
PART NUMBER SYSTEM
NACP 470 M 16V 6.3x5.5 TR 13 F
RoHS Compliant 97% Sn (min.), 3% Bi (max.) 330mm (13") Reel Tape & Reel Size in mm Working Voltage Tolerance Code M=20%, K=10% Capacitance Code in F, first 2 digits are significant Third digit is no. of zeros, "R" indicates decimal for values under 10F
Series
(R)
6
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NACP47M63V63X55TR13F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X